Part Number Hot Search : 
T2700M TCA965B BAS40LP BD546B 83026AMI SLE4441C F20M40CT BAS40LP
Product Description
Full Text Search
 

To Download DSEP8-06B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEP 8-06B
HiPerFREDTM Epitaxial Diode
with soft recovery
Preliminary Data
VRSM V 600 VRRM V Type
A C
IFAV = 10 A VRRM = 600 V trr = 30 ns
TO-220 AC
C
600
DSEP 8-06B
A
C (TAB)
A = Anode, C = Cathode, TAB = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight
Conditions TC = 125C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 0.9 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 35 10 50 0.1 0.1 -55...+175 175 -55...+150 A A Features A
q
mJ A C C C W Nm g
q q q q q q
International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
TC = 25C mounting torque typical
60 0.4...0.6 2
Applications
q
q q
Symbol IR x
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 10 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 60 0.25 1.66 2.66 2.5 0.5 A mA V V K/W K/W ns
q
q
q q q
VF y RthJC RthCH trr IRM
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
Advantages
q
IF = 1 A; -di/dt = 50 A/s; VR = 30 V; TVJ = 25C VR = 100 V; IF = 12 A; -diF/dt = 100 A/s TVJ = 100C
30 2.4
A
q
q
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
Dimensions see outlines.pdf
(c) 2002 IXYS All rights reserved
1-1
230
IXYS reserves the right to change limits, test conditions and dimensions.


▲Up To Search▲   

 
Price & Availability of DSEP8-06B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X